Part Number Hot Search : 
IDT71V D1406 SRF860CT 66109 00050 DM4011 0540W 9C51R
Product Description
Full Text Search
 

To Download SMA140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet Description
1.0 Amp SCHOTTKY BARRIER RECTIFIERS
Mechanical Dimensions
DO-214AC (SMA)
SMA120 . . . 1100 Series
Features
n EXTREMELY LOW VF n LOW STORAGED CHARGE n LOW POWER LOSS HIGH EFFICIENCY n MAJORITY CARRIER CONDUCTION n MEETS UL SPECIFICATION 94V-0
SMA120 . . . 1100 Series Maximum Ratings Peak Repetitive Reverse Voltage...VRRM Working Peak Reverse Voltage...VRWM DC Blocking Voltage...VDC RMS Reverse Voltage...VR(rms) Average Forward Rectified Current...IF(av) Non-Repetitive Peak Forward Surge Current...IFSM Operating & Storage Temperature Range...TJ, TSTRG Electrical Characteristics Maximum Forward Voltage...VF (Note 2) Maximum DC Reverse Current...IR @ Rated DC Blocking Voltage TC = 25C TC =100C .45 .50 .55 .70 .85 SMA120 20 20 20 14 SMA130 30 30 30 21 SMA140 40 40 40 28 SMA160 60 60 60 42 SMA1100 100 100 100 70
Units
Volts Volts Volts Volts Amps Amps C
............................................. 1.0 ............................................... < ................................ 3 0 ............................... > 50
......................................... -65 to 125 ..........................................
Volts
............................................. 1.0 ............................................... mAmps ............................................. 1 0 ............................................... mAmps 110 70 70 70 70 pF C / W
Typical Junction Capacitance...CJ (Note 1) Typical Thermal Resistance...RJC Page 10-10
............................................. 8 0 ...............................................
Data Sheet
1.0 Amp SCHOTTKY BARRIER RECTIFIERS
Typical Junction Capacitance
SMA 120
SMA 140...1100
SMA 130
Reverse Voltage (V) Non-Repetitive Peak Forward Surge Current Average Forward Current (A) Forward Current Derating Curve
SMA 160...1100
Peak Forward Surge Current (A)
SMA 120...140
Number of Cycles @ 60 Hz Typical Reverse Characteristics
Lead Temperature (C) Typical Instantaneous Forward Characteristics
SMA 120...140 SMA 160...1100
Reverse Current (mA)
Forward Current (A)
Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 Hz Resistive or Inductive Load.
Percent of Rated Peak Voltage NOTES: 1. Measured @ 1 MHz and applied reverse voltage of 4.0V. 2. Pulse Test: Pulse width = 300 S. DutyCycle = 2%.
Forward Voltage (V)
For Capacitive Load, Derate Current by 20%.
Page 10-11
SMA120 . . . 110O Series
Junction Capacitance (pF)


▲Up To Search▲   

 
Price & Availability of SMA140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X